spec no: dsab5562 rev no: v.7 date: may/24/2007 page: 1 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000210 44.5mm (1.75inch) single digit numeric display part number: SA18-11GWA green features z 1.75 inch digit height. z low current operation. z excellent character appearance. z easy mounting on p.c. boards or sockets. z i.c. compatible. z categorized for luminous intensity. z mechanically rugged. z standard : gray face, white segment. z rohs compliant. description the green source color devices are made with gallium phosphide green light emitting diode. package dimensions& internal circuit diagram notes: 1. all dimensions are in millimeters (inches), tolerance is 0.25(0.01")unless otherwise noted. 2. specifications are subject to change without notice.
spec no: dsab5562 rev no: v.7 date: may/24/2007 page: 2 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000210 selection guide note: 1. luminous intensity/ luminous flux: +/-15%. absolute maximum ratings at ta=25c electrical / optical characteristics at ta=25c notes: 1.wavelength: +/-1nm. 2. forward voltage: +/-0.1v. notes: 1. 1/10 duty cycle, 0.1ms pulse width. 2. 2mm below package base. part no. dice lens type iv (ucd) [1] @ 10ma min. typ. SA18-11GWA green (gap) white diffused 3000 12000 common anode ,rt. hand decimal. description symbol parameter device typ. max. units test conditions peak peak wavelength green 565 nm i f =20ma d [1] dominant wavelength green 568 nm i f =20ma ? 1/2 spectral line half-width green 30 nm i f =20ma c capacitance green 15 pf v f =0v;f=1mhz v f [2] forward voltage per segment or (dp) green 6.6 (2.2) 7.5 (2.5) v i f =20ma i r reverse current per segment or (dp) green 10 (10) ua v r =15v (v r =5v) parameter green units power dissipation per segment or (dp) 187.5 (62.5) mw dc forward current per segment or (dp) 25 (25) ma peak forward current [1] per segment or (dp) 140 (140) ma reverse voltage per segment or (dp) 15 (5) v operating / storage temperature -40c to +85c lead solder temperature[2] 260c for 3-5 seconds
spec no: dsab5562 rev no: v.7 date: may/24/2007 page: 3 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000210 green SA18-11GWA
spec no: dsab5562 rev no: v.7 date: may/24/2007 page: 4 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000210
spec no: dsab5562 rev no: v.7 date: may/24/2007 page: 5 of 5 approved: wynec checked: joe lee drawn: y.l.li er p: 1301000210 packing & label specifications SA18-11GWA
|